Part Number Hot Search : 
1SM5942B PGM2003 2SC1906Y EN25S CM1451 EN25S D12NF MAX15026
Product Description
Full Text Search
 

To Download MOF0932 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mof0623, 0932, 1145, 1550, 1765, 2485 www.viking.com.tw for detail questions , contact : sales@viking.com.tw edition : rev.a6 1 revision: 9 - apr - 2013 metal oxide leaded film resistor features excellent long - time stability high surge / overload capability wide resistance range : 0.1~10m controlled temperature coefficient resistance standard tolerance: 5% (consult factory for 2% , 1%) electrical and mechanical stability and hig h reliability a pplications automotive telecommunication medical equipment unit: mm derati ng curve ? ? ceramic rod ? ? non - flame paint with sol vent - proof ? ? tinned iron caps ? ? color code ? ? metal oxide film ? ? lead wire type l d h d weight (g) (1000pcs) mof0623 6.30.5 2.30.3 282.0 0.550.03 156 MOF0932 9.00.5 3.20.5 262.0 0.650.03 355 mof1145 11.51.0 4.50.5 352.0 0.780.03 760 mof1550 15.51.0 5.00.5 322.0 0.780.03 1040 mof1765 17. 0 1.0 6 . 0 0.5 352.0 0.780.03 1800 mof2485 24. 0 1.0 8. 0 0.5 352.0 0.780.03 4000 l ? ? ? ? ? ? ? ? ? ? ? ? h d d surface temp. rise ( ) ambient temperature ( ) 0 20 40 60 80 100 0 25 50 75 100 125 150 175 200 225 250 power rat io(%) applied load % of rcwv mof1765/2485/2485(h) mof1145(h)/1550(h)/1765(h) mof1550/0932(h) mof1145 MOF0932 mof0623 free datasheet http:///
mof0623, 0932, 1145, 1550, 1765, 2485 metal oxide leaded film resistor www.viking.com.tw for detail questions , contact : sales@viking.com.tw edition : rev.a6 2 revision: 9 - apr - 2013 part numbering item type power rating at 70 c operating temp. range max. working voltage max. overload voltage dielec tric withstanding voltage resistance range tcr (ppm/ c ) 1% 2% 5% 0623 1/4w - 55 ~ +155c 200v 350v 350v 0.1 - 10m 0.1 - 22m 200 0932 1/2w 250v 400v 350v 0.1 - 1m 0.1 - 10m 1145 1w 500v 600v 500v 0.1 - 1m 0.1 - 10m 1550 2w 550v 600v 500v 0.1 - 1m 0.1 - 10m 1765 3w 800v 1000v 750v 0.1 C 470k 0.1 C 560k 0.1 - 1m 2485 5w 1000v 1000v 750v 0.1 C 470k 0.1 C 560k 0.1 - 1m high power rating electrical specifications item type power rating at 70 c operating tem p. range max. working voltage max. overload voltage dielectric withstanding voltage resistance range tcr (ppm/ c ) 1% 2% 5% 0623 1/2w - 55 ~ +155c 250v 400v 350v 0.1 C 10m 200 0932 1w 300v 500v 400v 0.1 C 1m 0.1 C 10m 1145 2w 500v 60 0v 500v 0.1 C 1m 0.1 C 10m 1550 3w 750v 700v 600v 0.1 C 1m 0.1 C 10m 1765 5w 1000v 1000v 750v 0.1 C 470k 0.1 C 560k 0.1 - 1m 2485 7w 1000v 1000v 750v 0.1 C 470k 0.1 C 560k 0.1 - 1m operating voltage= (p*r ) or max. opera ting voltage listed above, whichever is lower. overload voltage=2.5* (p*r) or max. overload voltage listed above, whichever is lower. resistor body color: standard power rating: grey hig h power rating : grey or pink are available product type dimensions (l d) resistance toleranc e packaging code tcr (ppm/c) power rating resistance special 0623: 6.3x2.3 0932: 9.0x3.2 1145: 11.5x4.5 1550: 15.5x5.0 1765: 17. 0 x6. 0 2485: 24. 0 x8. 0 f: 1% g: 2% j: 5% a: ammo b: bulk t: taping reel f: 200 e: 7w d: 5w r: 3w s: 2w t: 1w u: 1 /2w v: 1/4w r500: 0.5 0010: 1 1000: 100 2201: 2200 1001: 1k 1004: 1m : standard ma: ma - type mb: mb - type mc: mc - type fa: fa - type fb: fb - type fc: fc - type fd: fd - type mof 0623 f a 1001 u ma f free datasheet http:///
mof0623, 0932, 1145, 1550, 1765, 2485 metal oxide leaded film resistor www.viking.com.tw for detail questions , contact : sales@viking.com.tw edition : rev.a6 3 revision: 9 - apr - 2013 environment al characteristics item requirement test method short time overload (0.25%+0.05) jis - c - 5201 - 1 5.5 rcwv*2.5 or max. overload voltage whichever is lower for 5 seconds insulation resistance 1000m jis - c - 5201 - 1 5.6 apply 100v dc for 1 minute endurance (1.5%+0.05) jis - c - 5201 - 1 7.10 70 ? 2 ? c, rcwv for 1000 hrs with 1.5 hrs on and 0.5 hrs off damp heat with load (1.5%+0.05) jis - c - 5201 - 1 7.9 40 ? 2 ? c, 90~95% r.h. rcwv for 1000 hrs with 1.5 hrs on and 0.5 hrs off solderability 90% min. coverage jis - c - 5201 - 1 6.5 2455 ? c for 3 seconds dielectric withstanding voltage by type jis - c - 5201 - 1 5.7 apply max. overload voltage for 1 minute temperature coefficient by type resistance value at room temperature and room temperature+100 ? c pulse overload (1%+0.0 5) jis - c - 5201 - 1 5.8 4 times rcwv for 10000 cycles with 1second on and 25 seconds off resistance to solvent no deterioration of coatings and markings jis - c - 5201 - 1 6.9 trichroethane for 1 min. with ultrasonic terminal strength tensile: R 2.5kg direct l oad for 10 seconds in the direction off the terminal leads rcwv(rated continuous working voltage)= (p*r ) or max. operating voltage whichever is lower ? storage temperature: 253c; humidity < 80%rh free datasheet http:///
mof0623, 0932, 1145, 1550, 1765, 2485 metal oxide leaded film resistor www.viking.com.tw for detail questions , contact : sales@viking.com.tw edition : rev.a6 4 revision: 9 - apr - 2013 taping/packing specification s 1. standard type ( reel & ammo) packing methods reel packing unit: mm packaging type packing methods reel packing a b1 - b2 s across flange (a) qty 06 23 52+1/ - 0 1.2 5 72 5,000 26 +1/ - 0 1.0 0932 52+1/ - 0 1.2 5 72 2,500 1145 52+1/ - 0 1.5 5 95 2,000 73+1/ - 0 1550 52+1/ - 0 1.5 10 95 1,000 73+1/ - 0 1765 73+1/ - 0 1.5 10 95 1,000 2485 88+1/ - 0 1.5 10 110 500 ammo packing unit: mm packaging type packing methods ammo packing a b1 - b2 s a b c qty 0623 52+1/ - 0 1.2 5 80 105 264 5,000 26 +1/ - 0 1.0 0932 52+1/ - 0 1.2 5 80 46 264 1,000 1145 52+1/ - 0 1.5 5 103 82 265 1,000 73+1/ - 0 1550 5 2+1/ - 0 1.5 10 103 96 265 1,000 73+1/ - 0 1765 73+1/ - 0 1.5 10 105 75 270 500 2485 88+1/ - 0 1.5 10 115 75 270 250 1 resistor 2 bandolier 3 paper 4 flange 5 cylinder 300 mm leader at beginning 22 30 ' 16 3 1 2 3 1 2 free datasheet http:///
mof0623, 0932, 1145, 1550, 1765, 2485 metal oxide leaded film resistor www.viking.com.tw for detail questions , contact : sales@viking.com.tw edition : rev.a6 5 revision: 9 - apr - 2013 2. special type ( bulk) unit: mm codes type p h /h1/h h2/g t d l d e 0623 ma 101 10 .0 1 - - 2.30.3 6.30.5 0 .550.03 - mc 101 4 .0 1 4 .0 1 - 2.30.3 6.30.5 0.550.03 - fa 5~15 4 .0 2 - - 2.30.3 6.30.5 0.550.03 31 fb 5~15 4 .0 2 3 .0 0.5 - 2.30.3 6.30.5 0.550.03 31 fd 5~15 27 .0 2 3 .0 0.5 - 2.30.3 6.30.5 0.550.03 31 0932 ma 12.51 10 .0 1 - - 3.2 0.5 9.00.5 0.650.03 - mc 12.51 4 .0 1 4 .0 1 - 3.20.5 9.00.5 0.650.03 - fa 5~15 4 .0 2 - - 3.20.5 9.00.5 0.650.03 31 fb 5~15 4 .0 2 3 .0 0.5 - 3.20.5 9.00.5 0.650.03 31 fc 5~15 10 .0 3 - - 3.20.5 9.00.5 0.650.03 - 1145 ma 151 12.51 - - 4.50.5 11.51.0 0.780.03 - mc 151 6 .0 1 5 .0 1.0 - 4.50.5 11.51.0 0.780.03 - fa 5~15 4 .0 2 - - 4.50.5 11.51.0 0.780.03 31 fb 5~15 4 .0 2 3 .0 0.5 - 4.50.5 11.51.0 0.780.03 31 fc 5~15 10 .0 3 - - 4.50.5 11.51.0 0.780.03 - 1550 ma 20 1 15 .0 1 - - 5.00.5 15.51.0 0.780.03 - mc 201 10 .0 1 5 .0 1.0 - 5.00.5 15.51.0 0.780.03 - fa 5~15 4 .0 2 - - 5.00.5 15.51.0 0.780.03 31 fb 5~15 4 .0 2 3 .0 0.5 - 5.00.5 15.51.0 0.780.03 31 fc 5~15 10 .0 3 - - 5.00.5 15.51.0 0.780.03 - 1765 m a 251 15.0 1 - - 6. 0 0.5 17. 0 1.0 0.780.03 - mb 251 8 .0 1 5.51 1.40.2 6. 0 0.5 17. 0 1.0 0.780.03 - mc 241 10 .0 1 7.51 - 6. 0 0.5 17. 0 1.0 0.780.03 - 2485 m a 301 1 8.0 1 - - 8. 0 0.5 24. 0 1.0 0.780.03 - mb 301 12 .0 1 5 .0 1 1.40.2 8. 0 0.5 2 4. 0 1.0 0.780.03 - ma type fc type fa type fb type fd type mb type mc type fc type free datasheet http:///
mof0623, 0932, 1145, 1550, 1765, 2485 metal oxide leaded film resistor www.viking.com.tw for detail questions , contact : sales@viking.com.tw edition : rev.a6 6 revision: 9 - apr - 2013 marking & resistance tolerance 5.00% 2.00% e - 24 1.0 1.1 1.2 1.3 1.5 1.6 1.8 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 1.00% e - 96 1.00 1.02 1.05 1.07 1.10 1.13 1.15 1.18 1.21 1.24 1.27 1.30 1.33 1.37 1.40 1.43 1.47 1.50 1.54 1.58 1.62 1.65 1.69 1.74 1.78 1.82 1.87 1.91 1.96 2.00 2.05 2.10 2.15 2.21 2.26 2.32 2.37 2.43 2.49 2.55 2.61 2.67 2.74 2.80 2.87 2.94 3.01 3.09 3.16 3.24 3.32 3.40 3.48 3.57 3.65 3.74 3.83 3.92 4.02 4.12 4.22 4.32 4.42 4.53 4.64 4.75 4.87 4.99 5.11 5.23 5.36 5.49 5.62 5.76 5.90 6.04 6.19 6.34 6.49 6.65 6.81 6.98 7.15 7.32 7.50 7.68 7.87 8.06 8.25 8.45 8.66 8.87 9.09 9.31 9.53 9.76 cold digit multiplier tolerance without - - - - silver - 10 - 2 - - gold - 10 - 1 5% j black 0 10 0 - - brown 1 10 1 1% f red 2 10 2 2% g orange 3 10 3 - - yellow 4 10 4 - - green 5 10 5 - - blue 6 10 6 - - violet 7 10 7 - - grey 8 10 8 - - white 9 10 9 - - 1st band 2nd band 3rd band 4th band 1 st digit 2nd digit multiplier tolerance 1st band 2nd band 3rd band 4th band 5th band 1st digit 2nd digit 3rd digit multiplier tolerance free datasheet http:///


▲Up To Search▲   

 
Price & Availability of MOF0932

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X